Part Number Hot Search : 
2150Y SMF43 TC105 SFH452 31020 2N3789 AAT8641K SST39
Product Description
Full Text Search
 

To Download 2ES032050JL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2ES032XXXJL
2ES032XXXJL SERIES TRANSIENT VOLTAGE SUPPRESSORS
DESCRIPTION
2ES032XXXJL series are transient voltage suppressors diode chips for plastic package that fabricated in silicon epitaxial planar technology; Excellent clamping capability; Fast response time ; Low leakage; ESD>16KV(Human Body Model); Top metal is AL, Back metal is Au; Chip size: 320m X 320m; Chip Thickness: 18020m. 2ES032XXX JLCHIP TOPOGRAPHY La: Chip Size: 320m; Lb: Pad Size: 180m;
ABSOLUTE MAXIMUM RATINGS
Characteristics Total Power Dissipation@ Tamb=25C Maximum Operation Junction Temperature Storage Temperature Range Symbol PD TJ Tstg Value 200 175 -50~+175 Unit mW C C
ELECTRICAL CHARACTERISTICS (Tamb=25C)
Symbol IPP VC VRWM IR VBR IT Parameters Maximum reverse peak pulse current Clamping voltage @ IPP Working peak reverse voltage Maximum reverse leakage current @ VRWM Breakdown voltage @ IT Test current
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http://www.silan.com.cn
REV:1.0
2008.03.17 Page 1 of 2
2ES032XXXJL
ELECTRICAL CHARACTERISTICS (For packaged diodes, Tamb==25C)
VRWM (V) Max. 2ES032025JL 2ES032033JL 2ES032050JL 2ES032060JL 2ES032070JL 2ES032120JL 2.5 3.3 5.0 6.0 7.0 12.0 IR(A)@ VRWM Max. 6.0 0.05 0.05 0.01 0.01 0.01 VBR(V) @IT Typ. 4.0 5.0 6.2 6.8 7.5 14.1 IT mA 1.0 1.0 1.0 1.0 1.0 1.0 VC (V)@ Max IPP Max. 10.9 14.1 18.6 20.5 22.7 25.0 IPP(A)* Max 11.0 11.2 9.4 8.8 8.8 9.6 PPK(W) Max 120 158 174 181 200 240 C(PF) Typ. 145 105 80 70 65 55
Type
Note: 1. VF<0.9V@IF=10mA for all types; 2. * 8x20m plus waveform.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http://www.silan.com.cn
REV:1.0
2008.03.17 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 2ES032050JL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X